PART |
Description |
Maker |
ICL767305 ICL7673CBA-T ICL7673CBAZA ICL7673CBAZA-T |
Automatic Battery Back-Up Switch; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Automatic Battery Back-Up Switch
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AP7722 |
Rack Automatic Transfer Switch
|
List of Unclassifed Manufac...
|
P951 |
SMP FEMALE TO SMP FEMALE PHASE ADJUSTER
|
List of Unclassifed Manufac...
|
0734157000 |
50 Ohms, SMP Male Full Detent Vertical PCB thru SMP-P/PCB
|
Molex Electronics Ltd.
|
LS7538-S |
Touch conrol step dimmer light switch with automatic gain control (AGC)
|
LSI Computer Systems
|
ACS8947T |
Jitter Attenuating, Multiplying Phase-Locked Loop with Automatic Input Switch and Data Resynchronization Path
|
Semtech Corporation
|
MAP130_06 MAP130 MAP130-1005 MAP130-1012 MAP130-10 |
Automatic 115/230 Input Voltage Selection
|
POWER-ONE[Power-One]
|
LS606M |
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
|
List of Unclassifed Man...
|
MCP73841 MCP73841-410I_MS MCP73842 MCP73842-410I_M |
The MCP73844 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, advanced safety timers, automatic charge termination, and charge status indication in a space saving MSOP-8 package. The de The MCP73843 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, advanced safety timers, automatic charge termination, and charge status indication in a space saving MSOP-8 package. The de The MCP73842 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, cell temperature monitoring, advanced safety timers, automatic charge termination, and charge status indication in a space The MCP73841 combines high accuracy constant-voltage (0.5% max), constant-current regulation, cell preconditioning, cell temperature monitoring, advanced safety timers, automatic charge termination, and charge status indication in a space Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers 先进的单节或双节锂离锂聚合物充电管理控制 RESONATORS SAW 303.825MHZ SMD 先进的单节或双节锂离锂聚合物充电管理控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
ESH1PC-E3/84A ESH1PB-E3/84A ESH1PB-E3/85A ESH1PCHE |
1 A, 150 V, SILICON, SIGNAL DIODE, DO-220AA ROHS COMPLIANT, PLASTIC, SMP, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE, DO-220AA ROHS COMPLIANT, PLASTIC, SMP, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE, DO-220AA ROHS COMPLIANT, PLASTIC, SMP, 2 PIN
|
Vishay Beyschlag
|
ESH1PB-M3-84A ESH1PB-M3-85A ESH1PBHM3-85A ESH1PBHM |
High Current Density Surface Mount Ultrafast Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-220AA HOLOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMP, 2 PIN 1 A, 150 V, SILICON, SIGNAL DIODE, DO-220AA HOLOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMP, 2 PIN
|
Vishay Siliconix Vishay Beyschlag
|